|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
HMC-C020 v01.0906 WIDEBAND POWER AMPLIFIER MODULE, 17 - 24 GHz Features Gain: 22 dB P1dB Output Power: +24 dBm Noise Figure: 3.5 dB Spurious-Free Operation 1 AMPLIFIERS Typical Applications The HMC-C020 Wideband PA is ideal for: * Microwave Radio & VSAT * Military & Space * Test & Lab Instrumentation Regulated Supply and Bias Sequencing Hermetically Sealed Module Field Replaceable 2.92mm connectors -55 to +85C Operating Temperature General Description The HMC-C020 is a GaAs MMIC PHEMT Power Amplifier in a miniature, hermetic module with replaceable 2.92mm connectors which operates between 17 and 24 GHz. The amplifier provides 22 dB of gain, 3.5 dB noise figure, +33 dBm output IP3 and up to +24 dBm of output power at 1 dB gain compression. The wideband amplifier I/Os are internally matched to 50 Ohms and are DC blocked making the HMC-C020 ideal for EW, ECM RADAR and test equipment applications. Integrated voltage regulators allow for flexible biasing of both the negative and positive supply pins, while internal bias sequencing circuitry assures robust operation. Functional Diagram Electrical Specifications, TA = +25 C, +VDC = +8V to +15V, -VDC = -4V to -10V* Parameter Frequency Range Gain Gain Flatness Gain Variation Over Temperature Noise Figure Input Return Loss Output Return Loss Output Power for 1 dB Compression (P1dB) Saturated Output Power (Psat) Output Third Order Intercept (IP3) Positive Supply Current (+IDC) Negative Supply Current (-IDC) * Data recorded at +Vdc = +12V and - Vdc = -5V 20 19 Min. Typ. 17 - 20 22 1.0 -0.03 3.5 7 10 23 25 33 250 5.2 20 -0.04 5.5 24 19 Max. Min. Typ. 20 - 24 22 0.5 -0.03 4.5 7 10 24 26 33 250 5.2 -0.04 6.5 24 Max. Units GHz dB dB dB/ C dB dB dB dBm dBm dBm mA mA 1 - 50 For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com HMC-C020 v01.0906 WIDEBAND POWER AMPLIFIER MODULE, 17 - 24 GHz Gain & Return Loss 30 25 20 15 RESPONSE (dB) 10 5 0 -5 -10 -15 -20 -25 -30 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 FREQUENCY (GHz) S21 S11 S22 Gain vs. Temperature 30 28 26 24 22 GAIN (dB) 20 18 16 14 12 10 8 6 16 17 18 19 20 21 22 23 24 25 FREQUENCY (GHz) +25C +85C -55C 1 AMPLIFIERS +25C +85C -55C Input Return Loss vs. Temperature 0 INPUT RETURN LOSS (dB) -5 -10 -15 -20 -25 -30 16 17 18 19 20 21 22 23 24 25 FREQUENCY (GHz) +25C +85C -55C Output Return Loss vs. Temperature 0 OUTPUT RETURN LOSS (dB) -5 -10 -15 -20 -25 -30 16 17 18 19 20 21 22 23 24 25 FREQUENCY (GHz) Reverse Isolation vs. Temperature 0 -10 Noise Figure vs. Temperature 10 9 8 NOISE FIGURE (dB) +25C +85C -55C ISOLATION (dB) -20 -30 -40 -50 -60 16 17 18 19 20 +25C +85C -55C 7 6 5 4 3 2 1 0 21 22 23 24 25 16 17 18 19 20 21 22 23 24 25 FREQUENCY (GHz) FREQUENCY (GHz) For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com 1 - 51 HMC-C020 v01.0906 WIDEBAND POWER AMPLIFIER MODULE, 17 - 24 GHz 1 AMPLIFIERS P1dB vs. Temperature 30 28 26 24 P1dB (dBm) 22 20 18 16 14 12 10 16 17 18 19 20 21 22 23 24 25 FREQUENCY (GHz) +25C +85C -55C Psat vs. Temperature 30 28 26 24 Psat (dBm) 22 20 18 16 14 12 10 16 17 18 19 20 21 22 23 24 25 FREQUENCY (GHz) +25C +85C -55C Output IP3 vs. Temperature 38 36 34 32 OIP3 (dBm) 30 28 26 24 22 20 18 16 17 18 19 20 21 22 23 24 25 FREQUENCY (GHz) +25C +85C -55C Absolute Maximum Ratings Positive Bias Supply Voltage (+VDC) Negative Bias Supply (-VDC) RF Input Power (RFin) Storage Temperature Operating Temperature +17V Max -16V Min. +20 dBm -65 to +150 C -55 to +85 C ELECTROSTATIC SENSITIVE DEVICE OBSERVE HANDLING PRECAUTIONS 1 - 52 For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com HMC-C020 v01.0906 WIDEBAND POWER AMPLIFIER MODULE, 17 - 24 GHz Pin Descriptions Pin Number 1 Function RFIN Description RF input connector, 2.92mm female, field replaceable. This pin is AC coupled and matched to 50 Ohms from 17 - 24 GHz. Power supply ground. Interface Schematic 1 AMPLIFIERS 1 - 53 2, 5 GND 3 +VDC Positive power supply voltage for the amplifier. 4 RFOUT RF output connector, 2.92mm female. This pin is AC coupled and matched to 50 Ohms from 17 - 24 GHz. 6 -VDC Negative power supply voltage for the amplifier For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com HMC-C020 v01.0906 WIDEBAND POWER AMPLIFIER MODULE, 17 - 24 GHz 1 AMPLIFIERS Outline Drawing Typical Package Weight Package Spacer +/- 1 gms Tolerance 18.7 gms 3.3 gms NOTES: 1. PACKAGE, LEADS, COVER MATERIAL: KOVARTM 2. PLATING: ELECTROLYTIC GOLD 50 MICROINCHES MIN., OVER ELECTROLYTIC NICKEL 75 MICROINCHES MIN. 3. SPACER MATERIAL: NICKEL PLATED ALUMINUM 4. ALL DIMENSIONS ARE IN INCHES [MILLIMETERS]. 5. TOLERANCES .010 [0.25] UNLESS OTHERWISE SPECIFIED. 6. FIELD REPLACEABLE 2.92MM CONNECTORS. 1 - 54 For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com HMC-C020 v01.0906 WIDEBAND POWER AMPLIFIER MODULE, 17 - 24 GHz Notes: 1 AMPLIFIERS For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order Online at www.hittite.com 1 - 55 |
Price & Availability of HMC-C020 |